Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT2227 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

MMDT2227 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # MMDT2227
Download  MMDT2227 Download
File Size   483.1 Kbytes
Page   6 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Multi-Chip Transistor

MMDT2227 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT2227 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # MMDT2227
Download  MMDT2227 Click to download

File Size   483.1 Kbytes
Page   6 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Multi-Chip Transistor

MMDT2227 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


MMDT2227 Product details

Features
    Power dissipation
        PCM : 0.2 W (Tamp.= 25°C)
    Collector current
        ICM : 0.2/-0.2 A
    Collector-base voltage
        V(BR)CBO : 75/-60 V
    Operating & Storage junction Temperature
        Tj, Tstg : -55°C~ +150°C




Similar Part No. - MMDT2227

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2227 DIODES-MMDT2227 Datasheet
53Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. B-2
MMDT2227 DIODES-MMDT2227 Datasheet
87Kb / 4P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. 8 - 2
MMDT2227 DIODES-MMDT2227 Datasheet
201Kb / 4P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
logo
Micro Commercial Compon...
MMDT2227 MCC-MMDT2227 Datasheet
271Kb / 3P
NPN/PNP Small Signal Surface Mount Transistors
More results


Similar Description - MMDT2227

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN Datasheet
699Kb / 3P
Multi-Chip Transistor
BC847S SECOS-BC847S Datasheet
284Kb / 3P
Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946 Datasheet
908Kb / 5P
Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
Multi-Chip Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com