Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847S Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BC847S Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BC847S
Download  BC847S Download
File Size   284.94 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Multi-Chip Transistor

BC847S Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847S Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BC847S
Download  BC847S Click to download

File Size   284.94 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Multi-Chip Transistor

BC847S Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


BC847S Product details

Features
   Power dissipation
      PCM : 0.3 W (Tamp.= 25°C)
   Collector current
      ICM : 0.2 A
   Collector-base voltage
      V(BR)CBO : 50 V
   Operating & Storage junction Temperature
      Tj, Tstg : -55°C~ +150°C




Similar Part No. - BC847S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
NPN Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC847S DIOTEC-BC847S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Fairchild Semiconductor
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
NPN Multi-Chip General Purpose Amplifier
logo
Diotec Semiconductor
BC847S DIOTEC-BC847S Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Double-Transistors
More results


Similar Description - BC847S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN Datasheet
699Kb / 3P
Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946 Datasheet
908Kb / 5P
Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
Multi-Chip Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com