Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847S Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847S
Description  Multi-Chip Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847S Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  BC847S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847S Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
BC847S
NPN Silicon
Multi-chip Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
T
150 MHz
125 MHz
75 MHz
100 MHz
Normalized Collect or-Cutoff Curre nt
vs Ambient Temperature
25
50
75
100
125
150
1
10
100
1000
T - AMBIE NT TEMP ERATURE ( C)
A
°
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
100
200
300
400
500
TEMPERATURE ( C)
º
SC70-6
Wideband Noise Frequency
vs Source Resistance
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
1
2
3
4
5
R
- SOURCE RESISTANCE ( )
V
= 5.0 V
BANDWIDTH = 15.7 kHz
CE
I
= 10
µA
C
I
= 100
µA
C
S
Ω
I
= 30
µA
C
Noise Figure vs Frequency
0.0001
0.001
0.01
0.1
1
10
100
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 5.0V
CE
I
= 200
µA,
R
= 10 k
Ω
C
S
I
= 1.0 mA,
R
= 500
Ω
C
S
I
= 100
µA,
R
= 10 k
Ω
C
S
I = 1.0 mA,
R = 5.0 k
Ω
C
S
01-Jan-2006 Rev. B
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com