Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847PN Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BC847PN Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BC847PN
Download  BC847PN Download
File Size   699.05 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Multi-Chip Transistor

BC847PN Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847PN Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BC847PN
Download  BC847PN Click to download

File Size   699.05 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Multi-Chip Transistor

BC847PN Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


BC847PN Product details

FEATURE
• Epitaxial Die Construction
• Two internal isolated NPN/PNP transistors in one package
• Power Dissipation
   PCM : 0.2 W (Temp. = 25˚C)
• Collector Current
   ICM : 0.1A
• Collector-base Voltage
   V(BR)CBO : 50/-50 V
• Operating & Storage Junction Temperature
   TJ, TSTG : -55˚C~+150˚C




Similar Part No. - BC847PN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
logo
Infineon Technologies A...
BC847PN INFINEON-BC847PN Datasheet
59Kb / 6P
NPN/PNP Silicon AF Transistor Array
Jul-02-2001
logo
Diodes Incorporated
BC847PN DIODES-BC847PN Datasheet
221Kb / 4P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
logo
Diotec Semiconductor
BC847PN DIOTEC-BC847PN Datasheet
128Kb / 2P
Complementary Surface Mount General Purpose Si-Planar Transistors
More results


Similar Description - BC847PN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC847S SECOS-BC847S Datasheet
284Kb / 3P
Multi-Chip Transistor
BC857S SECOS-BC857S Datasheet
851Kb / 2P
Multi-Chip Transistor
MMDT2222A SECOS-MMDT2222A Datasheet
421Kb / 4P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3904 SECOS-MMDT3904 Datasheet
299Kb / 2P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906 Datasheet
240Kb / 2P
Multi-Chip Transistor
MMDT3946 SECOS-MMDT3946 Datasheet
908Kb / 5P
Multi-Chip Transistor
MMDT4401 SECOS-MMDT4401 Datasheet
495Kb / 2P
Multi-Chip Transistor
MMDT2227 SECOS-MMDT2227_15 Datasheet
483Kb / 6P
Multi-Chip Transistor
MMDT3906 SECOS-MMDT3906_15 Datasheet
240Kb / 2P
Multi-Chip Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com