Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ2413 Datasheet (PDF) - Sharp Corporation

LZ2413 Datasheet PDF - Sharp Corporation
Part # LZ2413
Download  LZ2413 Download
File Size   86.4 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/4-type Color CCD Area Sensors with 270 k Pixels

LZ2413 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ2413 Datasheet PDF - Sharp Corporation

Part # LZ2413
Download  LZ2413 Click to download

File Size   86.4 Kbytes
Page   11 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/4-type Color CCD Area Sensors with 270 k Pixels

LZ2413 Datasheet (HTML) - Sharp Corporation


LZ2413 Product details

DESCRIPTION
The LZ2413H is a 1/4-type (4.5 mm) solid-state image sensor that consists of PN photo-diodes and CCDs (charge-coupled devices). With approximately 270 000 pixels (542 horizontal x 492 vertical), the sensor provides a stable high-resolution color image.

FEATURES
• Number of effective pixels : 512 (H) x 492 (V)
• Number of optical black pixels
    — Horizontal : 2 front and 28 rear
• Pixel pitch : 7.2 µm (H) x 5.6 µm (V)
• Mg, G, Cy, and Ye complementary color filters
• Low fixed-pattern noise and lag
• No burn-in and no image distortion
• Blooming suppression structure
• Built-in output amplifier
• Built-in overflow drain voltage circuit and reset gate voltage circuit
• Horizontal shift register clock and reset gate clock voltage : 3.3 V (TYP.)
• Variable electronic shutter (1/60 to 1/10 000 s)
• Compatible with NTSC standard
• Package :
    14-pin half-pitch WDIP [Plastic]
    (WDIP014-P-0400A)
    Row space : 10.16 mm




Similar Part No. - LZ2413

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
More results


Similar Description - LZ2413

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ0P3610 SHARP-LZ0P3610 Datasheet
126Kb / 14P
1/4-type Built-in Lens Color CCD Area Sensors with 270 k Pixels
LZ0P3620 SHARP-LZ0P3620 Datasheet
120Kb / 14P
1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
LZ0P3641 SHARP-LZ0P3641 Datasheet
132Kb / 13P
1/4-type Built-in Lens Color CCD Area Sensors with 350 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
1/3-type CCD Area Sensors with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
1/3-type CCD Area Sensors with 320 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
1/3-type CCD Area Sensors with 470 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
1/5-type Color CCD Area Sensor with 270 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com