Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ34B10 Datasheet (PDF) - Sharp Corporation

LZ34B10 Datasheet PDF - Sharp Corporation
Part # LZ34B10
Download  LZ34B10 Download
File Size   32.28 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/4-type Color CMOS Image Sensor with 350 k Pixels

LZ34B10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ34B10 Datasheet PDF - Sharp Corporation

Part # LZ34B10
Download  LZ34B10 Click to download

File Size   32.28 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/4-type Color CMOS Image Sensor with 350 k Pixels

LZ34B10 Datasheet (HTML) - Sharp Corporation


LZ34B10 Product details

DESCRIPTION
The LZ34B10 is a 1/4-type (4.5 mm) solid-state image sensor that consists of PN photo-diodes and color CMOS (Complementary Metal Oxide Semiconductor) devices. The sensor further includes a timing generator (TG), a correlated double sampling (CDS) circuit, an auto gain control (AGC) circuit and an analog-to-digital converter (ADC) circuit. With approximately 350 000 pixels (703 horizontal x 499 vertical), the sensor provides a stable digital color image with extremely low power consumption.

FEATURES
• Progressive scan
• Square pixel
• Compatible with VGA standard
• Number of effective pixels : 655 (H) x 493 (V)
• Number of optical black pixels
   — Horizontal : 24 front and 24 rear
   — Vertical : 3 front and 3 rear
• Pixel pitch : 5.6 µm (H) x 5.6 µm (V)
• R, G, and B primary color mosaic filters
• Image inversion function (horizontally and/or vertically)
• Power save mode
• Monitoring mode : 60 fields/s
• Analog output and 8-bit digital output
• Variable gain control
• Variable electronic shutter (1/30 to 1/15 750 s)
• Single +3.3 V power supply
• Package : 36-pin WLCC* (WLCC036-N-R625)




Similar Part No. - LZ34B10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
1/4-type Color CMOS Image Sensor with 350 k Pixels
More results


Similar Description - LZ34B10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ0P3641 SHARP-LZ0P3641 Datasheet
132Kb / 13P
1/4-type Built-in Lens Color CCD Area Sensors with 350 k Pixels
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ23BP2 SHARP-LZ23BP2 Datasheet
90Kb / 11P
1/3-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
1/4-type Color CCD Area Sensor with 470 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ34C10 SHARP-LZ34C10 Datasheet
99Kb / 12P
1/4-type Color CMOS Image Sensor with 110 k Pixels
LZ0P3817 SHARP-LZ0P3817 Datasheet
145Kb / 16P
1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
1/4-type Color CMOS Image Sensor with 350 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com