Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ34C10 Datasheet (PDF) - Sharp Corporation

LZ34C10 Datasheet PDF - Sharp Corporation
Part # LZ34C10
Download  LZ34C10 Download
File Size   99.85 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/4-type Color CMOS Image Sensor with 110 k Pixels

LZ34C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ34C10 Datasheet PDF - Sharp Corporation

Part # LZ34C10
Download  LZ34C10 Click to download

File Size   99.85 Kbytes
Page   12 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 1/4-type Color CMOS Image Sensor with 110 k Pixels

LZ34C10 Datasheet (HTML) - Sharp Corporation


LZ34C10 Product details

DESCRIPTION
The LZ34C10 is a 1/4-type (4.5 mm) solid-state color image sensor that consists of PN photodiodes and CMOS (Complementary Metal Oxide Semi-conductor) devices. The sensor further includes a timing generator (TG), a correlated double sampling (CDS) circuit, an auto gain control (AGC) circuit and an analog-to-digital converter (ADC) circuit. With approximately 110 000 pixels (393 horizontal x 299 vertical), the sensor provides a stable digital color image with extremely low power consumption.

FEATURES
• Progressive scan
• Square pixel
• Compatible with CIF standard
• Number of effective pixels : 367 (H) x 291 (V)
• Number of optical black pixels
   — Horizontal : 13 front and 13 rear
   — Vertical : 4 front and 4 rear
• Pixel pitch : 9.4 µm (H) x 9.4 µm (V)
• R, G, and B primary color mosaic filters
• Image inversion function (horizontally and/or vertically)
• Power save mode
• Analog output and 8-bit digital output
• Variable gain control (3 to 30 dB)
• Variable electronic shutter (1/30 to 1/10 000 s)
• Single +3.0 V power supply
• Package : 36-pin WLCC* (WLCC036-N-R625)




Similar Part No. - LZ34C10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
1/4-type Color CMOS Image Sensor with 350 k Pixels
logo
VBsemi Electronics Co.,...
LZ34N VBSEMI-LZ34N Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - LZ34C10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ0P3800 SHARP-LZ0P3800 Datasheet
110Kb / 14P
1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
1/4-type Color CCD Area Sensor with 320 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
1/4-type Color CCD Area Sensor with 470 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
1/5-type Color CCD Area Sensor with 320 k Pixels
LZ34B10 SHARP-LZ34B10 Datasheet
32Kb / 2P
1/4-type Color CMOS Image Sensor with 350 k Pixels
LZ0P3817 SHARP-LZ0P3817 Datasheet
145Kb / 16P
1/4-type Built-in Lens Color CMOS Image Sensor with 350 k Pixels
LZ34B1B SHARP-LZ34B1B Datasheet
144Kb / 15P
1/4-type Color CMOS Image Sensor with 350 k Pixels
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com