Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD3004S Datasheet (PDF) - Micro Commercial Components

MMBD3004S Datasheet PDF - Micro Commercial Components
Part # MMBD3004S
Download  MMBD3004S Download
File Size   229.31 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350 mW High Voltage Switching Diode 240 Volts

MMBD3004S Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD3004S Datasheet PDF - Micro Commercial Components

Part # MMBD3004S
Download  MMBD3004S Click to download

File Size   229.31 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350 mW High Voltage Switching Diode 240 Volts

MMBD3004S Datasheet (HTML) - Micro Commercial Components


MMBD3004S Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Fast Switching Speed
• Surface Mount Package Ideally Suited for Automatic Insertion
• High Conductance
• High Reverse Breakdown Voltage Rating
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - MMBD3004S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004S DIODES-MMBD3004S Datasheet
165Kb / 2P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 2 - 2
MMBD3004S DIODES-MMBD3004S Datasheet
80Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 6 - 2
logo
Weitron Technology
MMBD3004S WEITRON-MMBD3004S Datasheet
346Kb / 3P
Surface Mount Switching Diode
logo
Pan Jit International I...
MMBD3004S PANJIT-MMBD3004S Datasheet
103Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
TAITRON Components Inco...
MMBD3004S TAITRON-MMBD3004S Datasheet
252Kb / 6P
Three Terminals SMD Switching Diodes
More results


Similar Description - MMBD3004S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
350 mW ZENER DIODE 5% TOLERANCE
logo
Micro Commercial Compon...
MCCD2004S MCC-MCCD2004S Datasheet
265Kb / 1P
350 mW High Voltage Switching Diode 240 Volts
logo
Shanghai Lunsure Electr...
BAV70 CHENYI-BAV70 Datasheet
53Kb / 2P
350 mw 75 volt dual switching diode
DL4454 CHENYI-DL4454 Datasheet
332Kb / 3P
silicon switching diode 500 mw 75volt
logo
Taiwan Semiconductor Co...
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
410 mW High Voltage SMD Switching Diode
TS4148RWG TSC-TS4148RWG_14 Datasheet
194Kb / 4P
350 mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
200 mW Zener Diode 2.4~75 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
350 mW Zener Diode 4.3 to 51 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
MMBD3004S MCC-MMBD3004S_13 Datasheet
285Kb / 3P
410 mW High Voltage Switching Diode 240 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com