Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCCD2004S Datasheet (PDF) - Micro Commercial Components

MCCD2004S Datasheet PDF - Micro Commercial Components
Part # MCCD2004S
Download  MCCD2004S Download
File Size   265.81 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350 mW High Voltage Switching Diode 240 Volts

MCCD2004S Datasheet (PDF)

Go To PDF Page Download Datasheet
MCCD2004S Datasheet PDF - Micro Commercial Components

Part # MCCD2004S
Download  MCCD2004S Click to download

File Size   265.81 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350 mW High Voltage Switching Diode 240 Volts

MCCD2004S Datasheet (HTML) - Micro Commercial Components


MCCD2004S Product details

Features
• Surface Mount SOT-23 Package
• Capable of 350mWatts of Power Dissipation
• Suited For Applications Requiring High Voltage Capability
• Marking Code: DB6

Mamimum Ratings
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Typical Thermal Resistance: 357°C/W Junction to Ambient




Similar Part No. - MCCD2004S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCCD2004 MCC-MCCD2004 Datasheet
643Kb / 4P
Dual N-Channel Power MOSFET
More results


Similar Description - MCCD2004S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
350 mW ZENER DIODE 5% TOLERANCE
logo
Shanghai Lunsure Electr...
BAV70 CHENYI-BAV70 Datasheet
53Kb / 2P
350 mw 75 volt dual switching diode
DL4454 CHENYI-DL4454 Datasheet
332Kb / 3P
silicon switching diode 500 mw 75volt
logo
Taiwan Semiconductor Co...
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
410 mW High Voltage SMD Switching Diode
logo
Micro Commercial Compon...
MMBD3004S MCC-MMBD3004S Datasheet
229Kb / 3P
350 mW High Voltage Switching Diode 240 Volts
logo
Taiwan Semiconductor Co...
TS4148RWG TSC-TS4148RWG_14 Datasheet
194Kb / 4P
350 mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
200 mW Zener Diode 2.4~75 Volts
MMBZ5229C MCC-MMBZ5229C Datasheet
200Kb / 4P
350 mW Zener Diode 4.3 to 51 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
MMBD3004S MCC-MMBD3004S_13 Datasheet
285Kb / 3P
410 mW High Voltage Switching Diode 240 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com