Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC123 Datasheet (PDF) - Sharp Corporation

PC123 Datasheet PDF - Sharp Corporation
Part # PC123
Download  PC123 Download
File Size   714.78 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR PHOTOCOUPLER

PC123 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC123 Datasheet PDF - Sharp Corporation

Part # PC123
Download  PC123 Click to download

File Size   714.78 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR PHOTOCOUPLER

PC123 Datasheet (HTML) - Sharp Corporation


PC123 Product details

■ Description
PC123 Series contains an IRED optically coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
CTR is 50% to 400% at input current of 5mA.

■ Features
1. 4-pin DIP package
2. Double transfer mold package (Ideal for Flow Soldering)
3. Current transfer ratio (CTR : MIN. 50% at IF=5 mA, VCE=5V)
4. Several CTR ranks available
5. Reinforced insulation type (Isolation distance : MIN. 0.4mm)
6. Long creepage distance type (wide lead-form type only : MIN. 8mm)
7. High isolation voltage between input and output (Viso(rms) : 5.0 kV)

■ Applications
1. I/O isolation for MCUs (Micro Controller Units)
2. Noise suppression in switching circuits
3. Signal transmission between circuits of different potentials and impedances
4. Over voltage detection




Similar Part No. - PC123

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NFZ0F SHARP-PC12310NFZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
PC1231xxFZ0X Series Photocoupler
PC12310NIP0F SHARP-PC12310NIP0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
More results


Similar Description - PC123

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354 SHARP-PC354 Datasheet
751Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC357NT SHARP-PC357NT Datasheet
741Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H4A SHARP-PC3H4A Datasheet
660Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q64 SHARP-PC3Q64 Datasheet
588Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q67 SHARP-PC3Q67 Datasheet
580Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC814X SHARP-PC814X Datasheet
356Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC412S SHARP-PC412S Datasheet
443Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com