Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H7 Datasheet (PDF) - Sharp Corporation

PC3H7 Datasheet PDF - Sharp Corporation
Part # PC3H7
Download  PC3H7 Download
File Size   658.11 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR PHOTOCOUPLER

PC3H7 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC3H7 Datasheet PDF - Sharp Corporation

Part # PC3H7
Download  PC3H7 Click to download

File Size   658.11 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description DEVICE SPECIFICATION FOR PHOTOCOUPLER

PC3H7 Datasheet (HTML) - Sharp Corporation


PC3H7 Product details

PC900V0NSZX Series

■ Description
PC900V0NSZX Series contains an IRED optically coupled to an OPIC chip.
It is packaged in a 6 pin DIP, available in SMT gullwing lead-form and Wide SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.

■ Features
1. 6 pin DIP package
2. Double transfer mold package(Ideal for Flow Soldering)
3. Normal OFF operation, open collector output
4. TTL and LSTTL compatible output
5. Operating supply voltage (VCC: 3 to 15 V)
6. Isolation voltage (Viso(rms): 5.0 kV)

■Applications
1. Programmable controllers
2. PC peripherals
3. Electronic musical instruments




Similar Part No. - PC3H7

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H7 SHARP-PC3H7 Datasheet
67Kb / 5P
Mini-falt Package, General Purpose Half Pitch Photocoupler
logo
ISOCOM COMPONENTS
PC3H7 ISOCOM-PC3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP SHARP-PC3H711NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
More results


Similar Description - PC3H7

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123A SHARP-PC123A Datasheet
714Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC357NT SHARP-PC357NT Datasheet
741Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H4A SHARP-PC3H4A Datasheet
660Kb / 14P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q64 SHARP-PC3Q64 Datasheet
588Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3Q67 SHARP-PC3Q67 Datasheet
580Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC814X SHARP-PC814X Datasheet
356Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC412S SHARP-PC412S Datasheet
443Kb / 13P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com