Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431LP Datasheet (PDF) - Micro Commercial Components

TL431LP Datasheet PDF - Micro Commercial Components
Part # TL431LP
Download  TL431LP Download
File Size   124.2 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Programmable Precision Shunt Regulator

TL431LP Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431LP Datasheet PDF - Micro Commercial Components

Part # TL431LP
Download  TL431LP Click to download

File Size   124.2 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Programmable Precision Shunt Regulator

TL431LP Datasheet (HTML) - Micro Commercial Components


TL431LP Product details

Features

• Output voltage can be adjusted to 36V

• Trapping current capability is 1 to 100 mA

• The effective temperature compensation in the working range of full temperature

• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)

• Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1

• Marking:TL431



 




Similar Part No. - TL431LP

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
TL431LP CALOGIC-TL431LP Datasheet
65Kb / 6P
Precision Adjustable Precision Adjustable
logo
Micro Commercial Compon...
TL431LP MCC-TL431LP Datasheet
185Kb / 3P
Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
Programmable Precision Shunt Regulator
More results


Similar Description - TL431LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
Programmable Precision Shunt Regulator
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
PROGRAMMABLE PRECISION SHUNT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com