Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431LP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # TL431LP
Description  Programmable Precision Shunt Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431LP Datasheet(HTML) 2 Page - Micro Commercial Components

  TL431LP Datasheet HTML 1Page - Micro Commercial Components TL431LP Datasheet HTML 2Page - Micro Commercial Components TL431LP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
1.20
Fig. 3 – Reference Input Current
vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
120
--40
--20
0
20
40
60
80
100
120
R1=10K
Ω
R2=
∞
IZ=10mA
IZ=10mA
TA=25
°C
VZ = VREF
IZ = 1mA to 100mA
F
≤ 1KHZ
VZ=VREF
VZ=30V
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0.00
Fig. 4 – Dynamic Impedance
vs. Temperature
Temperature (
°C)
5
1015
2025
30
35
40
Fig. 5 – Change in Reference Voltage
vs. Cathode Voltage
Cathode Voltage (V)
--12
--10
--8
--6
--4
--2
0
0
2.5
2.0
1.5
1.0
0.5
0.0
--40
0
60
40
20
-20
80
100
120
Fig. 6 – Off-State Cathode Current
vs. Temperature
Temperature (
°C)
1000
800
600
400
200
0
-200
-400
-800
Fig. 1 – Cathode Current
vs. Cathode Voltage
Fig. 2 – Reference Voltage
vs. Temperature
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
Cathode Voltage (V)
Temperature (
°C)
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
100
120
VZ = VREF
TA = 25
°C
TL431
VZ = VREF
IZ = 10mA
IZ(MIN)
VREF max
VREF typ
VREF min
MCC
TL431LP
www.mccsemi.com
Revision:
3
20
10/12/11
TM
Micro Commercial Components
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com