Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC703 Datasheet (PDF) - Sharp Corporation

PC703 Datasheet PDF - Sharp Corporation
Part # PC703
Download  PC703 Download
File Size   67.47 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Collector-emitter Voltage Type Photocoupler

PC703 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC703 Datasheet PDF - Sharp Corporation

Part # PC703
Download  PC703 Click to download

File Size   67.47 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Collector-emitter Voltage Type Photocoupler

PC703 Datasheet (HTML) - Sharp Corporation


PC703 Product details

■ Features
1. High collector-emitter voltage (VCEO : 70V)
2. High isolation voltage between input and output ( Viso : 5 000V rms )
3. TTL compatible output
4. Recognized by UL, file No. E64380,

■ Applications
1. Telephone sets, telephone exchangers
2. System appliances, measuring instruments
3. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC703

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC703 PICKER-PC703 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7031C-12 PICKER-PC7031C-12 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7031C-12L PICKER-PC7031C-12L Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7031C-12M PICKER-PC7031C-12M Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7032C-12 PICKER-PC7032C-12 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
More results


Similar Description - PC703

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com