Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC703 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC703
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC703 Datasheet(HTML) 1 Page - Sharp Corporation

  PC703 Datasheet HTML 1Page - Sharp Corporation PC703 Datasheet HTML 2Page - Sharp Corporation PC703 Datasheet HTML 3Page - Sharp Corporation PC703 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Features
s Applications
s Outline Dimensions
PC703V
PC703V
2. High isolation voltage between input and
3. TTL compatible output
1. Telephone sets, telephone exchangers
different potentials and impedances
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
Parameter
Symbol
Rating
Unit
Input
IF
50
*1
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Collector-emitter voltage
V CEO
70
V
Output
Emitter-collector voltage
V ECO
6V
Collector-base voltage
V CBO
70
V
Emitter-base voltage
V EBO
6V
Collector current
IC
50
Collector power dissipation
P C
160
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
( Ta = 25˚C)
θ
θ
Anode mark
PC703V
12
3
5
4
6
CTR
Rank mark
Internal connection
diagram
12
3
4
65
0.5
..
( Viso
2. System appliances, measuring instruments
1. High collector-emitter voltage ( VCEO : 70V)
4. Recognized by UL, file
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1 Anode
2 Cathode
3 NC
5
Emitter
6
Collector
Base
High Collector-emitter Voltage
Type Photocoupler
No. E64380,
output
3. Signal transmission between circuits of
s Absolute Maximum Ratings
Forward current
Peak forward current
mA
mA
( Unit : mm )
gg TUV ( VDE0884 ) approved type is also available as an option.
*2 40 to 60% RH, AC for 1 minute
5 000
g
Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC703VI/PC703VP )
: 5 000V rms )
V rms
2.54 ± 0.25
± 0.1
7.12 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
0.9 ± 0.2
1.2 ± 0.3
θ = 0 to 13 ˚
4


Similar Part No. - PC703

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC703 PICKER-PC703 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7031C-12 PICKER-PC7031C-12 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7031C-12L PICKER-PC7031C-12L Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7031C-12M PICKER-PC7031C-12M Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC7032C-12 PICKER-PC7032C-12 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
More results

Similar Description - PC703

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com