Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC733 Datasheet (PDF) - Sharp Corporation

PC733 Datasheet PDF - Sharp Corporation
Part # PC733
Download  PC733 Download
File Size   66.5 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description AC Input Type Photocoupler

PC733 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC733 Datasheet PDF - Sharp Corporation

Part # PC733
Download  PC733 Click to download

File Size   66.5 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description AC Input Type Photocoupler

PC733 Datasheet (HTML) - Sharp Corporation


PC733 Product details

■ Features

1. AC input response

2. High isolation voltage between input and output ( Viso : 5 000Vrms )

3. Current transfer ratio

   CTR : MIN. 15% at I F = ± 1mA, VCE = 5V

4. Low collector dark current

   ( ICEO : MAX. 10 - 7A at VCE = 20V)

5. TTL compatible output

6. Recognized by UL, file No. E64380



■ Applications

1. Telephone sets

2. Programmable controllers

3. System appliances, measuring instruments

4. Signal transmission between circuits of different potentials and impedances



 




Similar Part No. - PC733

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
More results


Similar Description - PC733

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
Mini-flat Package, AC Input Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC813 SHARP-PC813 Datasheet
91Kb / 5P
AC Input Type & High Noise Reduction Type Photocoupler
PC814 SHARP-PC814 Datasheet
74Kb / 5P
AC Input Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
logo
Lite-On Technology Corp...
LTV-8141 LITEON-LTV-8141 Datasheet
668Kb / 5P
High Transfer Efficiency AC Input Type Photocoupler
logo
Everlight Electronics C...
H11AAX_0809 EVERLIGHT-H11AAX_0809 Datasheet
411Kb / 12P
AC INPUT PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com