Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC733 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC733
Description  AC Input Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC733 Datasheet(HTML) 4 Page - Sharp Corporation

  PC733 Datasheet HTML 1Page - Sharp Corporation PC733 Datasheet HTML 2Page - Sharp Corporation PC733 Datasheet HTML 3Page - Sharp Corporation PC733 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC733
-25
25
0
50
75
10 -10
100
10 -9
10 -8
10 -7
10 -6
10 -5
10 -11
10 -9
10 -8
10 -10
10 -11
25
0
50
75
100
2
2
5
2
5
125
Frequency f ( kHz )
-10
0
12
5
10
-20
500
200
100
50
20
0.5
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Fig.13 Frequency Response
0.2
0.1
0.5
1
2
0.1
1
10
5
10
20
50
100
200
500
Forward current I F ( mA )
0
0
2
4
6
8
10
2468
10
2mA
3mA
5mA
12
14
16
7mA
10mA
Forward Current
Fig.14 Collector-emitter Saturation Voltage vs.
5
Test Circuit for Response Time
90%
10%
Output
Input
RL
Input
Output
VCC
RD
td
ts
tr
t
Test Circuit for Frequency Response
VCC
RL
Output
RD
Fig.11-a Collector Dark Current vs.
Ambient Temperature
Ambient Temperature
1k
Ω 100 Ω
f
q Please refer to the chapter “Precautions for Use ”
RBE =
VCE = 20V
VCB = 30V
RBE =
Ta = 25˚C
RBE =
IC = 2mA
VCE =2V
t s
t d
t f
t r
IC = 1mA
Ta = 25˚C
RBE =
.
Fig.11-b Collector-base Dark Current vs.
RL = 10k Ω
VCE =5V
IC = 2mA
RBE =
Ta = 25˚C
Fig.12 Response Time vs. Load Resistance
Load resistance R L ( k Ω )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com