Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S30 Datasheet (PDF) - STMicroelectronics

ST1S30 Datasheet PDF - STMicroelectronics
Part # ST1S30
Download  ST1S30 Download
File Size   193.4 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification

ST1S30 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1S30 Datasheet PDF - STMicroelectronics

Part # ST1S30
Download  ST1S30 Click to download

File Size   193.4 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification

ST1S30 Datasheet (HTML) - STMicroelectronics


ST1S30 Product details

Description
The ST1S30 is a step-down DC-DC converter optimized for powering low output voltage applications. It supplies a current in excess of 3 A over an input voltage range from 2.7 V to 6 V.
A high PWM switching frequency (1.5 MHz) allows the use of tiny surface-mount components.

Features
■ 1.5 MHz fixed frequency PWM with current control mode
■ 3 A output current capability
■ Typical efficiency: > 90%
■ 2 % DC output voltage tolerance
■ Two versions available: power good or inhibit
■ Integrated output over-voltage protection
■ Non switching quiescent current: (typ) 1.5 mA over temperature range
■ RDSon (typ) 100 mΩ
■ Utilizes tiny capacitors and inductors
■ Operating junction temp. -25 °C to 125 °C
■ Available in DFN8 (4 x 4 mm) exposed pad




Similar Part No. - ST1S30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
ST1S31D-R STMICROELECTRONICS-ST1S31D-R Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
ST1S31PUR STMICROELECTRONICS-ST1S31PUR Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
ST1S32 STMICROELECTRONICS-ST1S32 Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
More results


Similar Description - ST1S30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
05-Jul-2007
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
18-Mar-2008
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
1.5 A, 1.5 MHz adjustable, step-down switching regulator
07-Mar-2008
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
15-Apr-2008
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
31-Jan-2008
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
28-Jul-2009
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
19-Apr-2010
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com