Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD412 Datasheet (PDF) - Sharp Corporation

PD412 Datasheet PDF - Sharp Corporation
Part # PD412
Download  PD412 Download
File Size   48.01 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact Package Type Photodiode with Condensing Lens

PD412 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD412 Datasheet PDF - Sharp Corporation

Part # PD412
Download  PD412 Click to download

File Size   48.01 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact Package Type Photodiode with Condensing Lens

PD412 Datasheet (HTML) - Sharp Corporation


PD412 Product details

Features
1. High sensitivity (TYP. 0.5A/W at λ p= 780nm)
2. High speed response

Applications
1. Optoelectronic switches
2. MD (mini disk) laser power monitors




Similar Part No. - PD412

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PD412011 POWEREX-PD412011 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PD412211 POWEREX-PD412211 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PD412411 POWEREX-PD412411 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
More results


Similar Description - PD412

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD411PI SHARP-PD411PI Datasheet
49Kb / 4P
Compact Package Type Photodiode with Condensing Lens
logo
Hamamatsu Corporation
S6036 HAMAMATSU-S6036 Datasheet
89Kb / 2P
Si PIN photodiode 7 mm lens plastic package
S6801 HAMAMATSU-S6801 Datasheet
101Kb / 2P
Si PIN photodiode ?14 mm lens plastic package
logo
OSRAM GmbH
LUWF8BN-P2P3-R OSRAM-LUWF8BN-P2P3-R Datasheet
1Mb / 23P
SMD package with lens
LUWF65G OSRAM-LUWF65G Datasheet
662Kb / 19P
SMD package with lens
LW-F65G OSRAM-LW-F65G Datasheet
351Kb / 19P
SMD package with lens
LUW-F65N OSRAM-LUW-F65N Datasheet
710Kb / 19P
SMD package with lens
logo
Everlight Electronics C...
EAPDST3020A1 EVERLIGHT-EAPDST3020A1 Datasheet
426Kb / 9P
Chip Photodiode with Right Angle Lens
EAPDSV3020A0 EVERLIGHT-EAPDSV3020A0 Datasheet
439Kb / 9P
Chip Photodiode with Right Angle Lens
EAPDSV3020A2 EVERLIGHT-EAPDSV3020A2 Datasheet
492Kb / 9P
Chip Photodiode with Right Angle Lens
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com