Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD412 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PD412
Description  Compact Package Type Photodiode with Condensing Lens
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD412 Datasheet(HTML) 2 Page - Sharp Corporation

  PD412 Datasheet HTML 1Page - Sharp Corporation PD412 Datasheet HTML 2Page - Sharp Corporation PD412 Datasheet HTML 3Page - Sharp Corporation PD412 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isc
3.5
4.7
6.3
µ A
T
-
0.2
-
% /˚C
Id
VR = 10V, Ee= 0
-
0.5
10
nA
T
VR = 10V, Ee= 0
-
3.5
5.0
Ct
-
100
350
λ p
-
800
-
nm
K
-
0.5
-
A/W
tr
V R= 10V
-
250
-
ns
tf
-
250
-
-
± 45
-
EV
EV
VR = 3V, f= 1MHZ
l = 780nm
RL=1k
β
α
pF
(Ta=25 ˚C)
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Shortcircuit current
Shortcircuit current temperature coefficient
Dark current
Dark current temperature coefficient
Terminal capacitance
Peak sensitivity wavelength
Peak spectral sensitivity
Response time
Half intensity angle
Rise Time
Fall Time
*2
*2
times/10˚C
˚
Fig. 1 Power Dissipation vs. Ambient
Temperature
PD412PI
Fig. 2 Shortcircuit Current vs. Illuminance
*2 EV : Illuminance by CIE standard light source A (tungsten lamp)
0
-25
50
100
150
200
0
25
50
75
100
85
Ambient temperature T a (˚C)
= 100 lx
= 100 lx
∆θ
Illuminance EV (lx)
Ta=25˚C
110
100
1000
10000
0.01
0.1
10
100
1000
1
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com