Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD414PI Datasheet (PDF) - Sharp Corporation

PD414PI Datasheet PDF - Sharp Corporation
Part # PD414PI
Download  PD414PI Download
File Size   36.07 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed PIN Photodiode for Optical Space Transmission

PD414PI Datasheet (PDF)

Go To PDF Page Download Datasheet
PD414PI Datasheet PDF - Sharp Corporation

Part # PD414PI
Download  PD414PI Click to download

File Size   36.07 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed PIN Photodiode for Optical Space Transmission

PD414PI Datasheet (HTML) - Sharp Corporation


PD414PI Product details

FEATURES
• High speed response (cut-off frequency: 40 MHz)
• Built-in visible light cut-off filter (peak sensitivity wavelength: λp = TYP. 960 nm)
• Halt intensity angle: ∆θ: ±30°
• Lead bending typing compatible

APPLICATIONS:
• AV equipment
• Personal computers
• Portable information terminal equipment




Similar Part No. - PD414PI

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD41-CAMG13 P-TEC-PD41-CAMG13 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMO12 P-TEC-PD41-CAMO12 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMR18 P-TEC-PD41-CAMR18 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMR24 P-TEC-PD41-CAMR24 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMY01 P-TEC-PD41-CAMY01 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
More results


Similar Description - PD414PI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN231 TOSHIBA-TLN231 Datasheet
132Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN227 TOSHIBA-TLN227 Datasheet
175Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN226 TOSHIBA-TLN226 Datasheet
259Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN226 TOSHIBA-TLN226_07 Datasheet
208Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN227 TOSHIBA-TLN227_07 Datasheet
203Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN231 TOSHIBA-TLN231_07 Datasheet
162Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
Infrared LED for Space-Optical-Transmission
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com