Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD414PI Datasheet(PDF) 1 Page - Sharp Corporation

Part # PD414PI
Description  High Speed PIN Photodiode for Optical Space Transmission
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD414PI Datasheet(HTML) 1 Page - Sharp Corporation

  PD414PI Datasheet HTML 1Page - Sharp Corporation PD414PI Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
PRODUCT INFORMATION
IrDA Components
Group
APPLICATIONS:
•
AV equipment
•
Personal computers
•
Portable information
terminal equipment
PD414PI High Speed
PIN Photodiode for
Optical Space
Transmission
FEATURES
• High speed response (cut-off frequency: 40 MHz)
• Built-in visible light cut-off filter
(peak sensitivity wavelength:
λp = TYP. 960 nm)
• Halt intensity angle:
∆θ: ±30°
• Lead bending typing compatible
ABSOLUTE MAXIMUM RATINGS
TA = 25°C
NOTE: *For MAX. 5 seconds at the position of 2.15 mm from resin edge.
ELECTR0-OPTICAL CHARACTERISTICS
TA = 25°C
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SG
N
I
T
A
RT
I
N
U
e
s
r
e
v
e
R
e
g
a
tl
o
v
VR
0
3V
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
OT R
P
O
- 5
2
+
o
t
5
8
C
°
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST G
T
S
+
o
t
0
4
-
0
0
1
C
°
e
r
u
t
a
r
e
p
m
e
t
g
n
i
r
e
d
l
o
S
*
T L
O
S
0
6
2C
°
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C.
N
I
M.
P
Y
T.
X
A
MT
I
N
U
t
n
e
r
r
u
c
ti
u
c
r
i
c
t
r
o
h
SI C
S
EV
*
x
1
0
0
1
=3
.
11
.
21
.
3A
µ
t
n
e
r
r
u
c
k
r
a
Dd
IVR
0
=
e
E
,
V
0
1
=5
0
.
00
2A
n
e
g
a
tl
o
v
d
r
a
w
r
o
FVF
IF
A
m
1
=0
.
1V
e
c
n
a
ti
c
a
p
a
c
l
a
n
i
m
r
e
Tt
CVR
z
H
M
1
=
f
,
V
5
=1
.
5F
p
h
t
g
n
e
l
e
v
a
w
y
ti
v
it
i
s
n
e
s
k
a
e
P
λp
0
6
9m
n
y
c
n
e
u
q
e
r
f
ff
o
-
t
u
CfC
VR
R
,
V
5
=
L
0
5
=
Ω
0
4z
H
M
e
l
g
n
a
y
ti
s
n
e
t
n
i
fl
a
H
θ
∆
0
3
±e
e
r
g
e
d
NOTE: *EV: Illuminance by CIE standard light source A (tungsten lamp).


Similar Part No. - PD414PI

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD41-CAMG13 P-TEC-PD41-CAMG13 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMO12 P-TEC-PD41-CAMO12 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMR18 P-TEC-PD41-CAMR18 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMR24 P-TEC-PD41-CAMR24 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
PD41-CAMY01 P-TEC-PD41-CAMY01 Datasheet
24Kb / 1P
Three Digit 7 Segment 0.4??Display
More results

Similar Description - PD414PI

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN231 TOSHIBA-TLN231 Datasheet
132Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN227 TOSHIBA-TLN227 Datasheet
175Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN226 TOSHIBA-TLN226 Datasheet
259Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN226 TOSHIBA-TLN226_07 Datasheet
208Kb / 5P
INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN227 TOSHIBA-TLN227_07 Datasheet
203Kb / 5P
LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN231 TOSHIBA-TLN231_07 Datasheet
162Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
Infrared LED for Space-Optical-Transmission
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com