Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1996 Datasheet (PDF) - Maxim Integrated Products

DS1996 Datasheet PDF - Maxim Integrated Products
Part # DS1996
Download  DS1996 Download
File Size   382.63 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 64Kb Memory iButton

DS1996 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1996 Datasheet PDF - Maxim Integrated Products

Part # DS1996
Download  DS1996 Click to download

File Size   382.63 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 64Kb Memory iButton

DS1996 Datasheet (HTML) - Maxim Integrated Products


DS1996 Product details

OVERVIEW

The block diagram in Figure 1 shows the relationships between the major control and memory sections of the DS1996. The DS1996 has three main data components: 1) 64-bit lasered ROM, 2) 256-bit scratchpad and 3) 65536-bit SRAM. The hierarchial structure of the 1-Wire protocol is shown in Figure 2. The bus master must first provide one of the six ROM Function Commands, 1)Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM, 5) Overdrive-Skip ROM or Overdrive-Match ROM.



SPECIAL FEATURES

65536 bits of read/write nonvolatile memory

Overdrive mode boosts communication speed to 142k bits per second

256-bit scratchpad ensures integrity of data transfer

Memory partitioned into 256-bit pages for packetizing data

Data integrity assured with strict read/write protocols

Operating temperature range from -40°C to +70°C

Over 10 years of data retention




Similar Part No. - DS1996

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
64kbit Memory iButtonTM
DS1996L-F5 DALLAS-DS1996L-F5 Datasheet
321Kb / 18P
64kbit Memory iButtonTM
More results


Similar Description - DS1996

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
4kb Plus Time Memory iButton
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
64Kb Bytewide FRAM Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
Dallas Semiconductor
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
logo
Ramtron International C...
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
logo
Maxim Integrated Produc...
DS1995 MAXIM-DS1995 Datasheet
45Kb / 2P
16Kb Memory iButton
Rev 8/09
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com