Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1996 Datasheet (PDF) - Dallas Semiconductor

DS1996 Datasheet PDF - Dallas Semiconductor
Part # DS1996
Download  DS1996 Download
File Size   321.13 Kbytes
Page   18 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64kbit Memory iButtonTM

DS1996 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1996 Datasheet PDF - Dallas Semiconductor

Part # DS1996
Download  DS1996 Click to download

File Size   321.13 Kbytes
Page   18 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 64kbit Memory iButtonTM

DS1996 Datasheet (HTML) - Dallas Semiconductor


DS1996 Product details

OVERVIEW

The block diagram in Figure 1 shows the relationships between the major control and memory sections of the DS1996. The DS1996 has three main data components: 1) 64-bit lasered ROM, 2) 256-bit scratchpad and 3) 65536-bit SRAM. The hierarchial structure of the 1-Wire protocol is shown in Figure 2. The bus master must first provide one of the six ROM Function Commands, 1)Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM, 5) Overdrive-Skip ROM or Overdrive-Match ROM.



SPECIAL FEATURES

65536 bits of read/write nonvolatile memory

Overdrive mode boosts communication speed to 142k bits per second

256-bit scratchpad ensures integrity of data transfer

Memory partitioned into 256-bit pages for packetizing data

Data integrity assured with strict read/write protocols

Operating temperature range from -40°C to +70°C

Over 10 years of data retention




Similar Part No. - DS1996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1996 MAXIM-DS1996 Datasheet
382Kb / 19P
64Kb Memory iButton
Rev 8/09
DS1996L-F5+ MAXIM-DS1996L-F5+ Datasheet
382Kb / 19P
64Kb Memory iButton
Rev 8/09
More results


Similar Description - DS1996

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9094 DALLAS-DS9094 Datasheet
59Kb / 1P
iButtonTM Clip
DS1992 DALLAS-DS1992 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5643 INTERSIL-X5643 Datasheet
312Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25LA642CS SANYO-LE25LA642CS Datasheet
369Kb / 14P
64Kbit Serial SPI EEPROM
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Dallas Semiconductor
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
iButtonTM Port
logo
Renesas Technology Corp
X5643 RENESAS-X5643 Datasheet
734Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
July 18, 2005
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com