Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9094 Datasheet (PDF) - Dallas Semiconductor

DS9094 Datasheet PDF - Dallas Semiconductor
Part # DS9094
Download  DS9094 Download
File Size   59.47 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description iButtonTM Clip

DS9094 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9094 Datasheet PDF - Dallas Semiconductor

Part # DS9094
Download  DS9094 Click to download

File Size   59.47 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description iButtonTM Clip

DS9094 Datasheet (HTML) - Dallas Semiconductor


DS9094 Product details

DESCRIPTION
The DS9094 iButton Clip holds an iButton and connects to a printed circuit board. By deflecting the spring clip in the molded housing, an iButton can be inserted and extracted without special tools. If reverse insertion is attempted, the beveled edge on the housing prevents contact.

FEATURES
■ Low-cost holder for 16.3 mm MicroCan
■ Printed circuit board mount
■ Contacts are 302 spring stainless steel
■ Flammability rating: UL94V-O
■ Two versions:
    - DS9094F for F5 MicroCan (flanged rim, 5.8 mm high)
    - DS9094FS for surface mounting F5 MicroCan (flanged rim, 5.8 mm high)
■ Printed circuit contacts are selectively tin-lead plated for improved solderability




Similar Part No. - DS9094

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9094-SM5+ MAXIM-DS9094-SM5+ Datasheet
53Kb / 1P
Surface-Mount iButton Clip
050207
logo
Dallas Semiconductor
DS9094F DALLAS-DS9094F Datasheet
164Kb / 2P
iButton PCB Clip
logo
Maxim Integrated Produc...
DS9094F MAXIM-DS9094F Datasheet
164Kb / 2P
iButton PCB Clip
072308
logo
Dallas Semiconductor
DS9094F+ DALLAS-DS9094F+ Datasheet
164Kb / 2P
iButton PCB Clip
DS9094FS+ DALLAS-DS9094FS+ Datasheet
164Kb / 2P
iButton PCB Clip
More results


Similar Description - DS9094

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1992 DALLAS-DS1992 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
DS1996 DALLAS-DS1996 Datasheet
321Kb / 18P
64kbit Memory iButtonTM
logo
Pomona Electronics
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
5514 POMONA-5514 Datasheet
21Kb / 1P
SOIC Clip Test Clip Kit
6107 POMONA-6107 Datasheet
39Kb / 1P
32 Pin SOIC Clip Test Clip
6108 POMONA-6108 Datasheet
38Kb / 1P
40 In. SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
44 Pin SOIC Clip Test Clip
logo
Tyco Electronics
2-1105300-1 MACOM-2-1105300-1 Datasheet
88Kb / 1P
CLIP
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
CLIP
logo
Dallas Semiconductor
DS9092R DALLAS-DS9092R Datasheet
59Kb / 2P
iButtonTM Port
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com