Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3DF53 Datasheet (PDF) - Sharp Corporation

PQ3DF53 Datasheet PDF - Sharp Corporation
Part # PQ3DF53
Download  PQ3DF53 Download
File Size   31.45 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator

PQ3DF53 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ3DF53 Datasheet PDF - Sharp Corporation

Part # PQ3DF53
Download  PQ3DF53 Click to download

File Size   31.45 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator

PQ3DF53 Datasheet (HTML) - Sharp Corporation


PQ3DF53 Product details

■ Features
● TO-3P package
● Low power-loss (Dropout voltage : MAX. 0.5V at Io=5A)
● 3.3V output
● High output current (5A)
● High-precision output voltage type
   (Output voltage precision : ±2.5%)
● Built-in ON/OFF cotrol function
● Built-in overcurrent protection, overheat protection function

■ Applications
● Power supplies for various electronic equipment such as personal computers




Similar Part No. - PQ3DF53

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3DZ13 SHARP-PQ3DZ13 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ13 SHARP-PQ3DZ13 Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ13U SHARP-PQ3DZ13U Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
19Kb / 2P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ3DZ53 SHARP-PQ3DZ53 Datasheet
97Kb / 10P
0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results


Similar Description - PQ3DF53

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RD13 SHARP-PQ3RD13 Datasheet
20Kb / 2P
3.3V Output, High Cost Performance Low Power-Loss Voltage Regulator
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF43 SHARP-PQ3RF43 Datasheet
30Kb / 4P
3.3V/4.6V Output Low Power-Loss Voltage Regulator
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
Large Output Current Type Low Power-Loss Voltage Regulator
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
Large Output Current Type Low Power-Loss Voltage Regulator
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com