Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ7VZ5 Datasheet (PDF) - Sharp Corporation

PQ7VZ5 Datasheet PDF - Sharp Corporation
Part # PQ7VZ5
Download  PQ7VZ5 Download
File Size   43.6 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators

PQ7VZ5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ7VZ5 Datasheet PDF - Sharp Corporation

Part # PQ7VZ5
Download  PQ7VZ5 Click to download

File Size   43.6 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators

PQ7VZ5 Datasheet (HTML) - Sharp Corporation


PQ7VZ5 Product details

Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators

■ Features
● Low power-loss (Dropout voltage:MAX. 0.5V)
● Variable output type (1.5V to 7V)
● Surface mount type package (equivalent to EIAJ SC-63)
● Output current:MAX.0.5A
● Low dissipation current at OFF-state (Iqs:MAX.5µA)
● Built-in ON/OFF control function
● Reference voltage precision:±2.0%
● Tape packaged type is also available. (Reel:3 000pcs.)

■ Applications
● Personal computers
● Word processors
● Printers
● Camcoders
● Personal Information Tools(PDA)




Similar Part No. - PQ7VZ5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV10 SHARP-PQ7DV10 Datasheet
38Kb / 4P
Variable Output, (1.5 to 7V) 10A Output Low Power-loss Voltage Regulator
PQ7DV10 SHARP-PQ7DV10 Datasheet
56Kb / 5P
Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
PQ7DV10 SHARP-PQ7DV10_01 Datasheet
56Kb / 5P
Variable Output,(1.5 to 7V)10A Output Low Power-loss Voltage Regulator
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5 Datasheet
57Kb / 5P
Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
More results


Similar Description - PQ7VZ5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ1KXX3M2ZP SHARP-PQ1KXX3M2ZP Datasheet
57Kb / 5P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1R30 SHARP-PQ1R30_02 Datasheet
74Kb / 6P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1UXX1M2ZPH SHARP-PQ1UXX1M2ZPH Datasheet
202Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ1R33J0000H SHARP-PQ1R33J0000H Datasheet
79Kb / 6P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com