Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ20VZ51 Datasheet (PDF) - Sharp Corporation

PQ20VZ51 Datasheet PDF - Sharp Corporation
Part # PQ20VZ51
Download  PQ20VZ51 Download
File Size   46.98 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators

PQ20VZ51 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ20VZ51 Datasheet PDF - Sharp Corporation

Part # PQ20VZ51
Download  PQ20VZ51 Click to download

File Size   46.98 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators

PQ20VZ51 Datasheet (HTML) - Sharp Corporation


PQ20VZ51 Product details

Low Power-Loss Voltage Regulators

■ Features
● Low power-loss (Dropout voltage: 0.5V)
● Compact surface mount package
● Both the 0.5A output PQ20VZ51 and the 1A output PQ20VZ11 have high-precision outputs (Reference voltage precision: ±2.0%)
● Variable output type (Output voltage variable range: 1.5V to 20V)
● Built-in ON-OFF control function
● Low dissipation current at OFF-state (Iqs: MAX.5µA)
● Tape packaged type is available.
   (φ330mm reel: 3 000pcs.,PQ20VZ5U/PQ20VZ1U)
  
■ Applications
● Car audio equipment
● VCR




Similar Part No. - PQ20VZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results


Similar Description - PQ20VZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
Variable Output Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com