Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ3TZ50 Datasheet (PDF) - Sharp Corporation

PQ3TZ50 Datasheet PDF - Sharp Corporation
Part # PQ3TZ50
Download  PQ3TZ50 Download
File Size   39.64 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators

PQ3TZ50 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ3TZ50 Datasheet PDF - Sharp Corporation

Part # PQ3TZ50
Download  PQ3TZ50 Click to download

File Size   39.64 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators

PQ3TZ50 Datasheet (HTML) - Sharp Corporation


PQ3TZ50 Product details

Low Power-Loss Voltage Regulators



■ Features

• Low power-loss (Dropout voltage : MAX. 0.5V)

• Surface mount type package (equivalent to EIAJ SC-63)

• Output current : MAX.0.5A

• Low dissipation current at OFF-state (Iqs : MAX.5µA)

• Built-in ON/OFF cotrol function

• Output voltage precision : ±2.5%

• Output voltage : (3.0V : PQ3TZ50)

                        (3.3V : PQ3TZ53)

• Tape packaged type is also available. (Reel : 3 000pcs.)



■ Applications

• Personal computers

• Personal information tools (PDA)

• Various OA equipment



 




Similar Part No. - PQ3TZ50

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ300 PICO-PQ300 Datasheet
10Mb / 39P
Smarter scopes for faster debug
PQ300 PICO-PQ300 Datasheet
10Mb / 42P
PicoScope® 6000E Series Smarter scopes for faster debug
logo
SynQor Worldwide Headqu...
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ30033EGA20NKA-G SYNQOR-PQ30033EGA20NKA-G Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
PQ30033EGA20NKS-G SYNQOR-PQ30033EGA20NKS-G Datasheet
548Kb / 14P
Eighth-brick DC/DC Converter
More results


Similar Description - PQ3TZ50

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com