Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ5TS1 Datasheet (PDF) - Sharp Corporation

PQ5TS1 Datasheet PDF - Sharp Corporation
Part # PQ5TS1
Download  PQ5TS1 Download
File Size   21.45 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators

PQ5TS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ5TS1 Datasheet PDF - Sharp Corporation

Part # PQ5TS1
Download  PQ5TS1 Click to download

File Size   21.45 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators

PQ5TS1 Datasheet (HTML) - Sharp Corporation


PQ5TS1 Product details

General Description
Sharps PQ5TS1 series are 0.15A output, surface mount type low power-loss voltage regulators with built-in reset signal generating function. They are suitable for malfunction prevention of microcomputers in various electronic equipment such as AV, OA equipment when they are turned-on or they are in error of operation.

Features
(1) Built-in reset signal generating function
   (Available 7 series of reset detection voltage)
(2) Low power-loss
   (Dropout voltage: MAX. 1.2V at Io=0.1A)
(3) Surface mount type package
   (Equivalent to SC-63)
(4) High-precision output type
   (Output voltage precision: ±3.0%)
(5) Overcurrent, overheat protection functions

Applications
(1) Power supplies for various electronic equipment such as AV, OA.




Similar Part No. - PQ5TS1

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ50 YUXIANG-PQ50 Datasheet
103Kb / 3P
PQ CORES
logo
Ferroxcube Internationa...
PQ50 FERROXCUBE-PQ50 Datasheet
45Kb / 3P
PQ cores and accessories
logo
Hirose Electric
PQ50 HIROSE-PQ50 Datasheet
434Kb / 1P
High Power Supply Die-Casting Connector for Industrial Machines
PQ50 HIROSE-PQ50 Datasheet
1Mb / 16P
High Power/Signal Connectors for Industrial Machinery
2017.3
PQ50-15PCA HIROSE-PQ50-15PCA Datasheet
1Mb / 16P
High Power/Signal Connectors for Industrial Machinery
More results


Similar Description - PQ5TS1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com