Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ2TZ55 Datasheet (PDF) - Sharp Corporation

PQ2TZ55 Datasheet PDF - Sharp Corporation
Part # PQ2TZ55
Download  PQ2TZ55 Download
File Size   37.32 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators

PQ2TZ55 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ2TZ55 Datasheet PDF - Sharp Corporation

Part # PQ2TZ55
Download  PQ2TZ55 Click to download

File Size   37.32 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators

PQ2TZ55 Datasheet (HTML) - Sharp Corporation


PQ2TZ55 Product details

■ Features
● Low power-loss (Dropout voltage : MAX 0.5V)
● Surface mount type package (Equivalent to EIAJ SC-63)
● Output voltage : 2.5V
● Minimum input voltage : 3.0V
● Output current : (0.5A : PQ2TZ55)
                             (1.0A : PQ2TZ15)
● Output voltage precision : ±2.5%
● Built-in ON/OFF control function
● Low dissipation current at OFF-state (Iqs : MAX.5µA)
● Tape packaged type is also available.
   (φ330mm reel : 3 000pcs., PQ2TZ55U/PQ2TZ15U)

■ Applications
● Personal computers
● Personal information tools(PDA)
● Various OA equipment




Similar Part No. - PQ2TZ55

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
PQ CORES
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
PQ cores and accessories
PQ20-3C81 FERROXCUBE-PQ20-3C81 Datasheet
65Kb / 6P
PQ cores and accessories
PQ20-3C81-A160 FERROXCUBE-PQ20-3C81-A160 Datasheet
65Kb / 6P
PQ cores and accessories
PQ20-3C81-A250 FERROXCUBE-PQ20-3C81-A250 Datasheet
65Kb / 6P
PQ cores and accessories
More results


Similar Description - PQ2TZ55

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1LXX3M2SP SHARP-PQ1LXX3M2SP Datasheet
73Kb / 5P
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
PQ1XXX1M2ZPH SHARP-PQ1XXX1M2ZPH Datasheet
161Kb / 4P
Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com