Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS35 Datasheet (PDF) - Diotec Semiconductor

BAS35 Datasheet PDF - Diotec Semiconductor
Part # BAS35
Download  BAS35 Download
File Size   130.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Small Signal Dual Diodes

BAS35 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS35 Datasheet PDF - Diotec Semiconductor

Part # BAS35
Download  BAS35 Click to download

File Size   130.1 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Small Signal Dual Diodes

BAS35 Datasheet (HTML) - Diotec Semiconductor


BAS35 Product details

SMD Small Signal Diodes

Features
   Fast switching speed
   Reverse breakdown tested at 1 mA
   Low leakage current
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed
   Switching, Rectifying
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                    MSL = 1




Similar Part No. - BAS35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS35 PHILIPS-BAS35 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Jinan Gude Electronic D...
BAS35 JGD-BAS35 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
logo
TRANSYS Electronics Lim...
BAS35 TEL-BAS35 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Guangdong Kexin Industr...
BAS35 KEXIN-BAS35 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
More results


Similar Description - BAS35

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
BAV70W DIOTEC-BAV70W_09 Datasheet
116Kb / 2P
Surface Mount Small Signal Dual Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
BAS31 DIOTEC-BAS31_15 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual Diodes
BAV23CC DIOTEC-BAV23CC_14 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual-Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com