Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS35 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS35
Description  Surface Mount Small Signal Dual Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS35 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS35 Datasheet HTML 1Page - Diotec Semiconductor BAS35 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS31, BAS35
BAS31, BAS35
Surface Mount Small Signal Dual Diodes
Kleinsignal-Doppel-Dioden für die Oberflächenmontage
Version 2011-10-11
Dimensions - Maße [mm]
Power dissipation – Verlustleistung
350 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
120 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
per diode / pro Diode
BAS31, BAS35
Power dissipation – Verlustleistung 1)
Ptot
350 mW 2)
Max. average forward current (dc)
Dauergrenzstrom
IFAV
200 mA 2)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
600 mA 2)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
1 A
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
120 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55...+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage 3)
Durchlass-Spannung 3)
IF = 10 mA
IF = 50 mA
IF = 100 mA
IF = 200 mA
IF = 400 mA
VF
VF
VF
VF
VF
< 750 mV
< 840 mV
< 900 mV
< 1.00 V
< 1.25 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 150°C
VR = 90 V
IR
< 100 nA
VR = 90 V
IR
< 100 µA
1
Total power dissipation of both diodes − Summe der Verlustleistungen beider Dioden
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
3
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


Similar Part No. - BAS35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS35 PHILIPS-BAS35 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Jinan Gude Electronic D...
BAS35 JGD-BAS35 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
logo
TRANSYS Electronics Lim...
BAS35 TEL-BAS35 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Guangdong Kexin Industr...
BAS35 KEXIN-BAS35 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
More results

Similar Description - BAS35

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
BAV70W DIOTEC-BAV70W_09 Datasheet
116Kb / 2P
Surface Mount Small Signal Dual Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
BAS31 DIOTEC-BAS31_15 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual Diodes
BAV23CC DIOTEC-BAV23CC_14 Datasheet
132Kb / 2P
Surface Mount Small Signal Dual-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com