Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S102S01 Datasheet (PDF) - Sharp Corporation

S102S01 Datasheet PDF - Sharp Corporation
Part # S102S01
Download  S102S01 Download
File Size   57.14 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR for Medium Power Control

S102S01 Datasheet (PDF)

Go To PDF Page Download Datasheet
S102S01 Datasheet PDF - Sharp Corporation

Part # S102S01
Download  S102S01 Click to download

File Size   57.14 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description SIP Type SSR for Medium Power Control

S102S01 Datasheet (HTML) - Sharp Corporation


S102S01 Product details

■Features

1. High radiation resin mold package

2. RMS ON-state current

  IT: 8 Arms at TC<= 80˚C (With heat sink)

3. Built-in zero-cross circuit (S102S02/S202S02)

4. High repetitive peak OFF-state voltage

   S102S01/S102S02  VDRM: MIN. 400V

   S202S01/S202S02  VDRM: MIN. 600V

5. Isolation voltage between input and output (Viso : 4 000Vrms)

 




Similar Part No. - S102S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S01 SHARP-S102S01 Datasheet
239Kb / 13P
IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
More results


Similar Description - S102S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
6-pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
8-Pin DIP Type SSR for Low Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
SIP Type SSR for Medium Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
8-Pin DIP Type SSR for Low Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
8-Pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
5mm Mini SIP SSR
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com