Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15034BAUI+ Datasheet (PDF) - Maxim Integrated Products

MAX15034BAUI+ Datasheet PDF - Maxim Integrated Products
Part # MAX15034BAUI+
Download  MAX15034BAUI+ Download
File Size   356.71 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications

MAX15034BAUI+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15034BAUI+ Datasheet PDF - Maxim Integrated Products

Part # MAX15034BAUI+
Download  MAX15034BAUI+ Click to download

File Size   356.71 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications

MAX15034BAUI+ Datasheet (HTML) - Maxim Integrated Products


MAX15034BAUI+ Product details

General Description
The MAX15034 two-phase, configurable single- or dual output buck controller has an input voltage range of 4.75V to 5.5V or 5V to 28V. A mode select input  allows for a dual-output supply or connecting two phases together for a single-output, high-current supply. Each output channel of the MAX15034 drives n-channel MOSFETs and is capable of providing more than 25A of load current. The MAX15034 uses average currentmode control with a switching frequency up to 1MHz per phase where each phase is 180° out of phase with respect to the other. Out-of-phase operation results in significantly reduced input capacitor ripple current and output voltage ripple in dual-phase, single-output voltage applications. Each controller has its own high-performance current and voltage-error amplifier that can be compensated for optimum output filter L-C values and transient response.

Features
♦ 4.75V to 5.5V or 5V to 28V Input
♦ Dual-Output Synchronous Buck Controller
♦ Configurable for Two Separate Outputs (25A) or One Single Output (50A)
♦ Average Current-Mode Control with Accurate Adjustable Current Limit
♦ 180° Interleaved Operation Reduces Size of Input Filter Capacitors
♦ Limits Reverse Current Sinking When Operated in Parallel Mode
♦ Each Output is Adjustable from 0.61V to 5.5V
♦ Independently Programmable Adaptive Voltage Positioning
♦ Monotonic Startup into Prebiased Outputs
♦ Independent Shutdown for Each Output
♦ 100kHz to 1MHz per Phase Programmable Switching Frequency
♦ Oscillator Frequency Synchronization from 200kHz to 2MHz
♦ Digital Soft-Start on Outputs
♦ Hiccup-Mode Overcurrent Protection
♦ Overtemperature Shutdown
♦ Thermally Enhanced 28-Pin TSSOP Package Capable of Dissipating 2.1W

Applications
    High-End Computers/Workstations/Servers
    Graphics Cards
    Networking Systems
    Point-of-Load High-Current/High-Density Telecom DC-DC Regulators
    RAID Systems




Similar Part No. - MAX15034BAUI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
More results


Similar Description - MAX15034BAUI+

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
High Current Synchronous Buck Controller
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
logo
Intersil Corporation
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Maxim Integrated Produc...
MAX15034 MAXIM-MAX15034_11 Datasheet
329Kb / 26P
Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 10/11
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
logo
Linear Technology
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
High Current, Dual Output Synchronous Buck Converter
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
High Current, Dual Output Synchronous Buck Converter
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
High-Performance Dual-Output Buck Controller for Notebook Applications
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com