Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3000ZF Datasheet (PDF) - Sanken electric

SI-3000ZF Datasheet PDF - Sanken electric
Part # SI-3000ZF
Download  SI-3000ZF Download
File Size   77.78 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 5-Terminal, Low Dropout Voltage

SI-3000ZF Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3000ZF Datasheet PDF - Sanken electric

Part # SI-3000ZF
Download  SI-3000ZF Click to download

File Size   77.78 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 5-Terminal, Low Dropout Voltage

SI-3000ZF Datasheet (HTML) - Sanken electric


SI-3000ZF Product details

■ Features
• Compact full-mold package (equivalent to TO220)
• Output current: 3.0A
• Low dropout voltage: VDIF ≤ 0.7V (at IO = 3.0A)
• Low circuit current at output OFF: Iq (OFF) ≤ 1µA
• Built-in overcurrent and thermal protection circuits

■ Applications
• Secondary stabilized power supply (local power supply)




Similar Part No. - SI-3000ZF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000ZFE SANKEN-SI-3000ZFE Datasheet
443Kb / 2P
5-Terminal Low Dropout Voltage Linear Regulator ICs
More results


Similar Description - SI-3000ZF

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sanken electric
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
5-Terminal, Low Dropout Voltage Dropper Type
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000ZFE SANKEN-SI-3000ZFE Datasheet
443Kb / 2P
5-Terminal Low Dropout Voltage Linear Regulator ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com