Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2918 Datasheet (PDF) - NEC

UPC2918 Datasheet PDF - NEC
Part # UPC2918
Download  UPC2918 Download
File Size   420.16 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR

UPC2918 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2918 Datasheet PDF - NEC

Part # UPC2918
Download  UPC2918 Click to download

File Size   420.16 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR

UPC2918 Datasheet (HTML) - NEC


UPC2918 Product details

THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR



DESCRIPTION

The µPC2918, 2925 and 2926 are three-terminal low dropout voltage regulators with the 1-A output. The µPC2918 outputs 1.8 V, the µPC2925 outputs 2.5 V and the µPC2926 outputs 2.6 V. Since these regulators use a PNP transistor for the output stage, they achieve a low dropout voltage of 0.7 V TYP. at IO= 1 A and minimize the power dissipation of the IC. As a result, these regulators can be used to realize sets with lower voltage and power dissipation.



FEATURES

•Output current capacity: 1 A

•Low dropout voltage (VDIF= 0.5 V MAX. (at IO= 0.5 A))

•Output voltage accuracy: ±2%

•On-chip saturation protector rising edge of input voltage(at low input voltage)

•On-chip overcurrent limiter and thermal protection

•On-chip output transistor safe operation area protection



 




Similar Part No. - UPC2918

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPC2918BHB RENESAS-UPC2918BHB Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BHF RENESAS-UPC2918BHF Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BT RENESAS-UPC2918BT Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BT1D RENESAS-UPC2918BT1D Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results


Similar Description - UPC2918

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com