Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX116 Datasheet (PDF) - Sipex Corporation

SPX116 Datasheet PDF - Sipex Corporation
Part # SPX116
Download  SPX116 Download
File Size   669.21 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Dropout Voltage Three Terminal Regulator

SPX116 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX116 Datasheet PDF - Sipex Corporation

Part # SPX116
Download  SPX116 Click to download

File Size   669.21 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Dropout Voltage Three Terminal Regulator

SPX116 Datasheet (HTML) - Sipex Corporation


SPX116 Product details

PRODUCT DESCRIPTION
The SPX116 is a low power voltage regulators. This devices are an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and pagers. The SPX116 features very low quiescent current in ON (400µA no load and 2mA at 60mA load) and OFF mode and very low dropout voltage of less than 200mV at 80mA load through internal PNP pass transistor. The junction temperature of 150°C is achieved through an internal thermal shutdown. In case of short circuit, the SPX116 will shut down.

FEATURES
• 3.5V, 3.3V, 3.0V and AdjustableVersions Available
• Very Low Dropout Voltage
• Output Current In Excess Of 100mA
• Low Standby Current (ON, No Load)
• Short Circuit Protection
• Internal Thermal Shutdown
• Available in TO-92, SO-8 & SO-89 Packages
• Direct Replacement Pin to Pin to TK116

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Radio Control Systems
• Portable/ Palm Top / Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• Pager
• Low Voltage Systems
• Cellular Phone




Similar Part No. - SPX116

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116M1-3.3 SIPEX-SPX116M1-3.3 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116M1-3.5 SIPEX-SPX116M1-3.5 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116N-3.3 SIPEX-SPX116N-3.3 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116N-3.5 SIPEX-SPX116N-3.5 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
More results


Similar Description - SPX116

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC2918 NEC-UPC2918 Datasheet
420Kb / 12P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com