Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX116 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX116
Description  Low Dropout Voltage Three Terminal Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX116 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX116 Datasheet HTML 1Page - Sipex Corporation SPX116 Datasheet HTML 2Page - Sipex Corporation SPX116 Datasheet HTML 3Page - Sipex Corporation SPX116 Datasheet HTML 4Page - Sipex Corporation SPX116 Datasheet HTML 5Page - Sipex Corporation SPX116 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPX116
Rev. 8/21/01
SPX116 Low Dropout Voltage Three Terminal Regulator
©Copyright 2001 Sipex Corporation
4
APPLICATION INFORMATION
The SPX116 requires an output capacitor for device stability.
The value required varies greatly depending upon the
application circuit and other factors. The high frequency
characteristics of electrolytic capacitors depend greatly on the
type and also on the manufacturer. Sometimes only bench
testing is the only means to determine the proper capacitor
type and value. Stability can be obtained with a tantalum or
ceramic capacitor value of 4.7
µF or greater.
Another critical point of electrolytic characteristics is its
performance over temperature. The SPX116 is designed to
operate starting at -40
°C which may not be true in the case of
electrolytic. Higher temperatures generally no problem. The
electrolytic. type in aluminum will freeze around -30
°C. This
could cause an oscillation at output of regulator. At a lower
temperature requirement by many applications the capacitor
should maintain its performance. So as a result, for an
application which regulator junction temperature does not
exceed 25
°C, the output capacitor can be reduced by the
factor of two over the value needed for the entire
temperature range.
In most applications the SPX116 is operating at few
milliamps. In these applications the output capacitance can
be further reduced. For example, when the regulator is
running at 10mA output current the output capacitance
value is half compared to the same regulator that is running
at 100mA. The value decreases with higher output voltages,
since the internal loop gain is reduced.
The worst case occurs at the lower temperature and
maximum operating currents, the entire circuit and the
electrolytic, should be cooled down to the minimum
temperature. The minimum of 0.6 volts required at the input
of regulator above the output to keep the power dissipation
and die heating to its minimum. After the value for the
capacitor has been determined for actual use, the value
should be doubled.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com