Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2918 Datasheet(PDF) 1 Page - NEC

Part # UPC2918
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2918 Datasheet(HTML) 1 Page - NEC

  UPC2918 Datasheet HTML 1Page - NEC UPC2918 Datasheet HTML 2Page - NEC UPC2918 Datasheet HTML 3Page - NEC UPC2918 Datasheet HTML 4Page - NEC UPC2918 Datasheet HTML 5Page - NEC UPC2918 Datasheet HTML 6Page - NEC UPC2918 Datasheet HTML 7Page - NEC UPC2918 Datasheet HTML 8Page - NEC UPC2918 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
2000,2001
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC2918,2925,2926
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
DATA SHEET
Document No. G14983EJ3V0DS00 (3rd edition)
Date Published May 2001 NS CP(K)
Printed in Japan
The mark
# shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPC2918, 2925 and 2926 are three-terminal low dropout voltage regulators with the 1-A output. The µPC2918
outputs 1.8 V, the
µPC2925 outputs 2.5 V and the µPC2926 outputs 2.6 V. Since these regulators use a PNP
transistor for the output stage, they achieve a low dropout voltage of 0.7 V TYP. at IO = 1 A and minimize the power
dissipation of the IC. As a result, these regulators can be used to realize sets with lower voltage and power
dissipation.
FEATURES
• Output current capacity: 1 A
• Low dropout voltage (VDIF = 0.5 V MAX. (at IO = 0.5 A))
• Output voltage accuracy: ±2%
• On-chip saturation protector rising edge of input voltage
(at low input voltage)
• On-chip overcurrent limiter and thermal protection
• On-chip output transistor safe operation area protection
BLOCK DIAGRAM
GND
OUTPUT
INPUT
Safe operation
area protection
Error
Amp.
Overcurrent
protection
PIN CONFIGURATION (Marking Side)
1
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
23
4
#


Similar Part No. - UPC2918

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPC2918BHB RENESAS-UPC2918BHB Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BHF RENESAS-UPC2918BHF Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BT RENESAS-UPC2918BT Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC2918BT1D RENESAS-UPC2918BT1D Datasheet
452Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC2918

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
Low Dropout Voltage Three Terminal Regulator
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
Low Dropout Voltage Three Terminal Regulator
logo
Toshiba Semiconductor
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
Three-Terminal Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com