Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet (PDF) - Diotec Semiconductor

BAT54WS Datasheet PDF - Diotec Semiconductor
Part # BAT54WS
Download  BAT54WS Download
File Size   96.04 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Small Signal Schottky Diodes

BAT54WS Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54WS Datasheet PDF - Diotec Semiconductor

Part # BAT54WS
Download  BAT54WS Click to download

File Size   96.04 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Small Signal Schottky Diodes

BAT54WS Datasheet (HTML) - Diotec Semiconductor


BAT54WS Product details

• Power dissipation                            230 mW
• Repetitive peak reverse voltage        30 V
• Plastic case                                     ~ SOD-323
• Weight approx.                               0.005 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results


Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
150mA Surface Mount Small Signal Schottky Diodes
logo
Diotec Semiconductor
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com