Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAT54WS
Description  Surface Mount Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAT54WS Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAT54WS Datasheet HTML 1Page - Diotec Semiconductor BAT54WS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54WS
BAT54WS
Surface Mount Small Signal Schottky Diodes
Kleinsignal-Schottky-Dioden für die Oberflächenmontage
Version 2011-09-29
Dimensions - Maße [mm]
Power dissipation – Verlustleistung
230 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
30 V
Plastic case – Kunststoffgehäuse
~ SOD-323
Weight approx. – Gewicht ca.
0.005 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BAT54WS
Power dissipation − Verlustleistung
Ptot
230 mW 1)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
200 mA 1)
Repetitive peak forward current – Periodischer Spitzenstrom
IFRM
300 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 10 ms
IFSM
600 mA
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
30 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
IF = 0.1 mA
IF = 1 mA
IF = 10 mA
IF = 30 mA
IF = 100 mA
VF
VF
VF
VF
VF
< 240 mA
< 320 mA
< 400 mA
< 500 mV
< 800 mV
Leakage current – Sperrstrom 2)
VR = 25 V
IR
< 1 µA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
10 pF
Reverse recovery time – Sperrverzug
IF = 10 mA über/through IR = 10 mA bis/to IR = 1 mA
trr
< 6 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 400 K/W 2)
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
2.5±0.2
Type
Code
1.7±0.1


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Cystech Electonics Corp...
CASD501S2 CYSTEKEC-CASD501S2 Datasheet
134Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
CASD501SG CYSTEKEC-CASD501SG Datasheet
130Kb / 3P
Surface Mount Small Signal Schottky Barrier Diodes
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
BAT81S SUNMATE-BAT81S Datasheet
119Kb / 2P
150mA Surface Mount Small Signal Schottky Diodes
logo
Diotec Semiconductor
MCL103B DIOTEC-MCL103B_06 Datasheet
89Kb / 1P
Surface Mount Small Signal Diodes
logo
SUNMATE electronic Co.,...
LL49 SUNMATE-LL49 Datasheet
472Kb / 3P
SURFACE MOUNT SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com