Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S21ME5 Datasheet (PDF) - Sharp Corporation

S21ME5 Datasheet PDF - Sharp Corporation
Part # S21ME5
Download  S21ME5 Download
File Size   56.69 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Phototriac Coupler Conformable to European Safety Standard

S21ME5 Datasheet (PDF)

Go To PDF Page Download Datasheet
S21ME5 Datasheet PDF - Sharp Corporation

Part # S21ME5
Download  S21ME5 Click to download

File Size   56.69 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Phototriac Coupler Conformable to European Safety Standard

S21ME5 Datasheet (HTML) - Sharp Corporation


S21ME5 Product details

Phototriac Coupler Conformable to European Safety Standard



❈Lead forming type (I type)of  /S21ME5F/S21ME6F are also available. (/S21ME5FI/S21ME6FI)

❈DIN-VDE0884 approved type is also available as an option.



■Features

1. Internal isolation distance : 0.4mm or more

2. Creepage distance : 6.4mm or more

3. Clearance : 6.4mm or more

4. Recogized by UL file No. E64380

  Approved by VDE (DIN-VDE0884 : No.76850)

  Approved by BSI (BS415 : No.6690, BS7002 : No.7421)

  Approved by SEMKO (No.9202227)

  Approved by DEMKO  (No.107968)

  Approved by EI (No.152029-02,03,04,0116)

5. Built-in zero-cross circuit(S11ME6/S21ME6/S21ME6F)

6. Wide forming type(S21ME5F, S21ME6F)  (Distance between lead pins : 10.16 mm)

7. High isolation voltage between input and output (Viso : 5 000Vrms)



■Applications

1. For triggering medium/high power triac

2. For detecting over voltage of switching power supply




Similar Part No. - S21ME5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21ME5 SHARP-S21ME5 Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME5F SHARP-S21ME5F Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
More results


Similar Description - S21ME5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
S21ME SHARP-S21ME Datasheet
82Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
Phototriac Coupler for Triggering
PC1S3021NTZF SHARP-PC1S3021NTZF Datasheet
173Kb / 14P
Phototriac Coupler for triggering
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
Phototriac Coupler for triggering
PC3ST11NSZAF SHARP-PC3ST11NSZAF Datasheet
305Kb / 15P
Phototriac Coupler for triggering
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME6IY SHARP-S21ME6IY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com