Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S21ME Datasheet (PDF) - Sharp Corporation

S21ME Datasheet PDF - Sharp Corporation
Part # S21ME
Download  S21ME Download
File Size   82.12 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers

S21ME Datasheet (PDF)

Go To PDF Page Download Datasheet
S21ME Datasheet PDF - Sharp Corporation

Part # S21ME
Download  S21ME Click to download

File Size   82.12 Kbytes
Page   5 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers

S21ME Datasheet (HTML) - Sharp Corporation


S21ME Product details

European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers



❈Lead forming type (I type)of S21ME series is also available.         (S21ME3I/S21ME4I/S21ME3FI/S21ME4FI)

❈DIN-VDE0884 approved type is also available as an option.

❈Taping reel type (P type)of S21ME series is also available. (S21ME3P/S21ME4P/S21ME3FP/S21ME4FP)



■Features

1. Long creepage distance type (Creepage distance : 8mm or more)

2. Internal insulation distance : 0.5mm or more

3. Description of approved safety standards(Lead forming type is also registered as

S21ME3/S21ME4.)

Recoginized by UL 1577 (double protection included)

file No. E64380

Approved by VDE, No. 68328

Approved by BSI (BS415 : No. 6690, BS7002 : No. 7421)

Approved by SEMKO

S21ME3/S21ME3F No. 8705122

S21ME4/S21ME4F No. 8705123

Approved by DEMKO, No. 84857

Approved by EI

S21ME3/S21ME3F No. 099443-01

S21ME4/S21ME4F No. 099444-01

4. Low minimum trigger current(IFT : MAX. 7mA)

5. Built-in zero-cross circuit(S21ME4/S21ME4F)

6. Lead forming type/S21ME3F, S21ME4F(Distance between lead pins : 10.16mm)

7. High repetitive peak OFF-state voltage(VDRM : MIN. 600V)

8. High isolation voltage between input and output(Viso : 5 000Vrms)



■Applications

1. For triggering medium/high power triac




Similar Part No. - S21ME

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21ME5 SHARP-S21ME5 Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
S21ME5 SHARP-S21ME5 Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME5F SHARP-S21ME5F Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
S21ME5F SHARP-S21ME5F Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
More results


Similar Description - S21ME

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
S11ME5 SHARP-S11ME5 Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME6IY SHARP-S21ME6IY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com