Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1F Datasheet (PDF) - Diotec Semiconductor

ES1F Datasheet PDF - Diotec Semiconductor
Part # ES1F
Download  ES1F Download
File Size   102.68 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Surface Mount Rectifier Diodes

ES1F Datasheet (PDF)

Go To PDF Page Download Datasheet
ES1F Datasheet PDF - Diotec Semiconductor

Part # ES1F
Download  ES1F Click to download

File Size   102.68 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Surface Mount Rectifier Diodes

ES1F Datasheet (HTML) - Diotec Semiconductor


ES1F Product details

Features
   Extremely low reverse recovery time
   Low forward voltage drop
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Rectification of higher frequencies
   High efficient switching stages
   Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 7500 / 13“
   Weight approx. 0.07 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - ES1F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES1F SANKEN-ES1F Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES1F SANKEN-ES1F Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
ES1F TSC-ES1F Datasheet
58Kb / 2P
1.0 AMP. Super Fast Surface Mount Rectifiers
ES1F TSC-ES1F Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES1F BILIN-ES1F Datasheet
58Kb / 2P
FAST RECOVERY RECTIFIER
More results


Similar Description - ES1F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_14 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
Superfast Efficient Surface Mount Silicon Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
Superfast Efficient Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
Superfast Efficient Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com