Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1F Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ES1F
Description  Superfast Efficient Surface Mount Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ES1F Datasheet(HTML) 1 Page - Diotec Semiconductor

  ES1F Datasheet HTML 1Page - Diotec Semiconductor ES1F Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A ... ES1J
ES1A ... ES1J
Superfast Efficient Surface Mount Rectifier Diodes
Superschnelle Hocheffizienz-Gleichrichterdioden für die Oberflächenmontage
Version 2011-10-04
Dimensions - Maße [mm]
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...600 V
Plastic case
Kunststoffgehäuse
~ SMA
~ DO-214AC
Weight approx. – Gewicht ca.
0.07 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ES1A
50
50
ES1B
100
100
ES1C
150
150
ES1D
200
200
ES1F
300
300
ES1G
400
400
ES1J
600
600
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
1 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/33 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Typ
0.15
1± 0.3
4.5± 0.3
5± 0.2


Similar Part No. - ES1F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES1F SANKEN-ES1F Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES1F SANKEN-ES1F Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
ES1F TSC-ES1F Datasheet
58Kb / 2P
1.0 AMP. Super Fast Surface Mount Rectifiers
ES1F TSC-ES1F Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES1F BILIN-ES1F Datasheet
58Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - ES1F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_14 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES3A DIOTEC-ES3A_13 Datasheet
103Kb / 2P
Superfast Efficient Surface Mount Silicon Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
Superfast Efficient Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
Superfast Efficient Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com