Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT7002K Datasheet (PDF) - Diotec Semiconductor

MMBT7002K Datasheet PDF - Diotec Semiconductor
Part # MMBT7002K
Download  MMBT7002K Download
File Size   109.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description N-Channel Enhancement Mode FET with protected Gate

MMBT7002K Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT7002K Datasheet PDF - Diotec Semiconductor

Part # MMBT7002K
Download  MMBT7002K Click to download

File Size   109.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description N-Channel Enhancement Mode FET with protected Gate

MMBT7002K Datasheet (HTML) - Diotec Semiconductor


MMBT7002K Product details

Features
   ESD protected Gate
   Fast switching times
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, Logic level converter, Drivers Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - MMBT7002K

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT7002K SEMTECH_ELEC-MMBT7002K Datasheet
201Kb / 2P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMBT7002K DIOTEC-MMBT7002K Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K Datasheet
146Kb / 3P
N-Channel Enhancement Mode FET
logo
Guangdong Huixin Electr...
MMBT7002K-A HUIXIN-MMBT7002K-A Datasheet
716Kb / 3P
N-Channel Enhancement Mode Field Effect
MMBT7002KD HUIXIN-MMBT7002KD Datasheet
967Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
More results


Similar Description - MMBT7002K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMFTN290E DIOTEC-MMFTN290E Datasheet
145Kb / 2P
N-Channel Enhancement Mode FET with Protected Gate
MMBT7002K DIOTEC-MMBT7002K_15 Datasheet
95Kb / 2P
N-Channel Enhancement Mode FET
2N7000 DIOTEC-2N7000_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN138 DIOTEC-MMFTN138_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN170 DIOTEC-MMFTN170_17 Datasheet
145Kb / 2P
N-Channel Enhancement Mode FET
MMFTN3018W DIOTEC-MMFTN3018W_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002DW DIOTEC-MMBT7002DW_18 Datasheet
160Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K_18 Datasheet
146Kb / 3P
N-Channel Enhancement Mode FET
MMFTN123 DIOTEC-MMFTN123_18 Datasheet
126Kb / 2P
N-Channel Enhancement Mode FET
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com