Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT7002K Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBT7002K
Description  N-Channel Enhancement Mode FET with protected Gate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT7002K Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBT7002K Datasheet HTML 1Page - Diotec Semiconductor MMBT7002K Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBT7002K
MMBT7002K
N
N-Channel Enhancement Mode FET with protected Gate
N-Kanal FET mit Gateschutzdiode – Anreicherungstyp
N
Version 2011-02-01
Dimensions - Maße [mm]
1 = G
2 = S
3 = D
Power dissipation – Verlustleistung
350 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMBT7002K
Drain-Source-voltage – Drain-Source-Spannung
VDSS
60 V
Gate-Source-voltage – Gate-Source-Spannung
dc
ESD
VGSS
VGSS
± 20 V
± 2 kV
Power dissipation – Verlustleistung
Ptot
350 mW
Drain current continuos – Drainstrom (dc)
ID
115 mA
Drain current pulsed – Drainstrom gepulst
tp < 10 µs
IDM
800 mA
Operating Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
150°C
-55…+150°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
0.4
2.9 ±0.1
1
2
3
Type
Code
1.9


Similar Part No. - MMBT7002K

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBT7002K SEMTECH_ELEC-MMBT7002K Datasheet
201Kb / 2P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMBT7002K DIOTEC-MMBT7002K Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K Datasheet
146Kb / 3P
N-Channel Enhancement Mode FET
logo
Guangdong Huixin Electr...
MMBT7002K-A HUIXIN-MMBT7002K-A Datasheet
716Kb / 3P
N-Channel Enhancement Mode Field Effect
MMBT7002KD HUIXIN-MMBT7002KD Datasheet
967Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - MMBT7002K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMFTN290E DIOTEC-MMFTN290E Datasheet
145Kb / 2P
N-Channel Enhancement Mode FET with Protected Gate
MMBT7002K DIOTEC-MMBT7002K_15 Datasheet
95Kb / 2P
N-Channel Enhancement Mode FET
2N7000 DIOTEC-2N7000_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN138 DIOTEC-MMFTN138_17 Datasheet
143Kb / 2P
N-Channel Enhancement Mode FET
MMFTN170 DIOTEC-MMFTN170_17 Datasheet
145Kb / 2P
N-Channel Enhancement Mode FET
MMFTN3018W DIOTEC-MMFTN3018W_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002DW DIOTEC-MMBT7002DW_18 Datasheet
160Kb / 2P
N-Channel Enhancement Mode FET
MMBT7002K DIOTEC-MMBT7002K_18 Datasheet
146Kb / 3P
N-Channel Enhancement Mode FET
MMFTN123 DIOTEC-MMFTN123_18 Datasheet
126Kb / 2P
N-Channel Enhancement Mode FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com