Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTRC101SS Datasheet (PDF) - Diotec Semiconductor

MMBTRC101SS Datasheet PDF - Diotec Semiconductor
Part # MMBTRC101SS
Download  MMBTRC101SS Download
File Size   111.77 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Bias Resistor Transistors

MMBTRC101SS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTRC101SS Datasheet PDF - Diotec Semiconductor

Part # MMBTRC101SS
Download  MMBTRC101SS Click to download

File Size   111.77 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Bias Resistor Transistors

MMBTRC101SS Datasheet (HTML) - Diotec Semiconductor


MMBTRC101SS Product details

Surface Mount Bias Resistor Transistors

• Power dissipation                200 mW
• Plastic case                         SOT-23
• Weight approx.                    0.01 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled






Similar Part No. - MMBTRC101SS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTRC101SS SEMTECH_ELEC-MMBTRC101SS Datasheet
176Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
logo
Surge Components
MMBTRC101SS SURGE-MMBTRC101SS Datasheet
837Kb / 5P
NPN Silicon Epitaxial planar Transistor
logo
Dongguan Pingjingsemi T...
MMBTRC101SS PJSEMI-MMBTRC101SS Datasheet
3Mb / 6P
NPN Digital Transistor
logo
Diotec Semiconductor
MMBTRC101SS DIOTEC-MMBTRC101SS_15 Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
More results


Similar Description - MMBTRC101SS

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
MMUN2111LT1G ONSEMI-MMUN2111LT1G Datasheet
196Kb / 13P
Bias Resistor Transistors PNP Silicon Surface Mount Transistors
August, 2009 ??Rev. 10
logo
Diotec Semiconductor
MMBTRC116SS DIOTEC-MMBTRC116SS Datasheet
111Kb / 2P
Surface Mount Bias Resistor Transistors
MMBTRC101SS DIOTEC-MMBTRC101SS_15 Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
MMBTRC116SS DIOTEC-MMBTRC116SS_15 Datasheet
113Kb / 2P
Surface Mount Bias Resistor Transistors
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com