Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTRC101SS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBTRC101SS
Description  Surface Mount Bias Resistor Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTRC101SS Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBTRC101SS Datasheet HTML 1Page - Diotec Semiconductor MMBTRC101SS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBTRC101SS ... MMBTRC106SS
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
GI
VO = 5 V, IO = 10 mA
MMBTRC101SS
30
–
–
MMBTRC102SS
50
–
–
MMBTRC103SS
70
–
–
MMBTRC104SS
80
–
–
MMBTRC105SS
80
–
–
MMBTRC106SS
80
–
–
Output cutoff current – Ausgangs-Reststrom
VO = 50 V
IO(off)
–
–
500 nA
Input current – Eingangsstrom
II
VI = 5 V
MMBTRC101SS
–
–
1.8 mA
MMBTRC102SS
–
–
0.88 mA
MMBTRC103SS
–
–
0.36 mA
MMBTRC104SS
–
–
0.18 mA
MMBTRC105SS
–
–
3.6 mA
MMBTRC106SS
–
–
1.8 mA
Output voltage – Ausgangs-Spannung
IO = 10 mA, II = 0.5 mA
VO(on)
–
–
0.3 V
Input voltage (on) – Eingangsspannung (Ein)
VI(on)
VO = 0.2 V, IO = 5 mA
MMBTRC101SS
–
–
2 V
MMBTRC102SS
–
–
2.4 V
MMBTRC103SS
–
–
3 V
MMBTRC104SS
–
–
5 V
MMBTRC105SS
–
–
1.1 V
MMBTRC106SS
–
–
1.3 V
Input voltage (off) – Eingangs-Spannung (Aus)
VI(off)
VO = 5 V, IO = 0.1 mA
..C101...C104..
1 V
–
–
..C105...C106..
0.5 V
–
–
Input resistor tolerance – Toleranz Eingangswiderstand
R1
-30%
+30%
Resistance ratio – Widerstandsverhältnis
R2/R1
MMBTRC101SS
0.8
1.2
MMBTRC102SS
0.8
1.2
MMBTRC103SS
0.8
1.2
MMBTRC104SS
0.8
1.2
MMBTRC105SS
0.026
0.087
MMBTRC106SS
0.055
0.185
Transition Frequency – Transitfrequenz (Transistor)
VO = 10 V, IO = 5 mA
fT
–
200 MHz
–
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com